PART |
Description |
Maker |
LT3029MPMSE LT3029IDE LT3029IDEPBF LT3029IDETR LT3 |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
L1152L-XX-AF5-R L1152G-XX-AF5-R |
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
|
Unisonic Technologies
|
LT3028EFE LT3028EDHC LT3028 LT3028IFE LT3028IDHC |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
|
Linear Technology
|
2213M-3.0E1 AP2213D-2.5TRE1 AP2213D-3.0E1 AP2213M- |
500mA LOW NOISE LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500mA LOW NOISE LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500mA LOW NOISE LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. Interpower, Corp. BCD SEMICONDUCTOR MANUFACTURING LTD
|
SA57000-XX |
CapFREE(TM) 150 mA, low-noise, low dropout regulator with thermal protection CapFREEE 150 mA, low-noise, low dropout
|
Philips
|
MAX604 MAX604CPA MAX604CSA MAX604EPA MAX604ESA MAX |
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators Quadruple 2-Input Positive-NOR Gates 20-LCCC -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.82 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDIP8 5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO8 Quadruple 2-Input Positive-NOR Gates 14-CDIP -55 to 125 Quadruple 2-Input Positive-NAND Gates 20-LCCC -55 to 125 5V/3.3V or Adjustable Low-Dropout Low IQ 500mA Linear Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
BDXXKA5FP BD10KA5FP BD12KA5FP BD15KA5FP BD18KA5FP |
Low ESR Capacitor, Low Dropout 500mA Regulator IC
|
ROHM[Rohm]
|
SC156306 SC1563ISK-X.XTR SC1563ISK-X.XTRT SC1563IS |
VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
|
Samtec, Inc Semtech Corporation
|
LM2937-XX-TA3-T LM2937-XX-TQ2-R LM2937-XX-TQ2-T LM |
10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO2 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 15 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 500mA LOW DROPOUT VOLTAGE REGULATOR 12 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 500mA LOW DROPOUT VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSSO5 10 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, SFM3
|
UTC[Unisonic Technologies] Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
SC5205-2.5CSKTR SC5205-3.6CSKTR SC5205-3.0CSKTR SC |
RES 5.9K OHM 1/16W 0.1% 0402 SMD 150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 150mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator
|
SEMTECH[Semtech Corporation]
|
MAX8530 MAX8531 MAX8530ETT MAX8531ETT MAX8530EBT M |
Dual Low-Dropout Linear Regulator with RESET-bar or Low-Noise Output in UCSP or QFN Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|